PART |
Description |
Maker |
CM75DU-12H |
Dual IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
FCD600N60Z |
N-Channel SuperFETII MOSFET 600 V, 7.4 A, 600 m
|
Fairchild Semiconductor
|
IRF9520 FN2281 |
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET(6A, 100V, 0.600 惟, P娌?????MOS?烘?搴??) From old datasheet system 6A 100V 0.600 Ohm P-Channel Power MOSFET 6A/ 100V/ 0.600 Ohm/ P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
IRG4PC50F IRG4PC50F-E |
70 A, 600 V, N-CHANNEL IGBT, TO-247AC 70 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A) 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
CM200TU-12H |
Six IGBTMOD 200 Amperes/600 Volts 240 x 128 pixel format, CFL Backlight with power harness 200 A, 600 V, N-CHANNEL IGBT
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
STGW30NC60KD |
60 A, 600 V, N-CHANNEL IGBT, TO-247 30 A - 600 V - short circuit rugged IGBT
|
STMicroelectronics
|
STGB10NC60HDT4 STGB10NC60HD08 STGF10NC60HD STGD10N |
600 V - 10 A - very fast IGBT 20 A, 600 V, N-CHANNEL IGBT, TO-252AA
|
STMicroelectronics
|
STD8NM60N STD8NM60N-1 STF8NM60N STB8NM60N STP8NM60 |
N-channel 600 V, 0.56 Ω,7 A MDmesh?/a> II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK N-channel 600 V, 0.56 Ω,7 A MDmesh II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK 7 A, 600 V, 0.65 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 600 V, 0.56 Ω,7 A MDmesh?II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
|
STMicroelectronics
|
|